Part Number Hot Search : 
BR202 N80C51FA N80C51FA TKA1212D M53200 C3792 FCM7002 SMC870
Product Description
Full Text Search
 

To Download BAV201-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav200, bav201, bav202, bav203 www.vishay.com vishay semiconductors rev. 1.7, 31-jul-12 1 document number: 85544 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal switching diodes, high voltage mechanical data case: quadromelf sod-80 weight: approx. 34 mg cathode band color: black packaging codes/options: gs18/10k per 13" reel (8 mm tape), 10k/box gs08/2.5k per 7" reel (8 mm tape), 12.5k/box features ? silicon epitaxial planar diodes ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purposes parts table part type differentiation ordering code type marking internal construction remarks bav200 v rrm = 60 v bav200-gs18 or bav200-gs08 - single tape and reel bav201 v rrm = 120 v bav201-gs18 or BAV201-GS08 - single tape and reel bav202 v rrm = 200 v bav202-gs18 or bav202-gs08 - single tape and reel bav203 v rrm = 250 v bav203-gs18 or bav203-gs08 - single tape and reel absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit repetitive peak reverse voltage bav200 v rrm 60 v bav201 v rrm 120 v bav202 v rrm 200 v bav203 v rrm 250 v reverse voltage bav200 v r 50 v bav201 v r 100 v bav202 v r 150 v bav203 v r 200 v forward continuous current i f 250 ma peak forward surge current t p = 1 s, t j = 25 c i fsm 1a repetitive peak forward current f = 50 hz i frm 625 ma power dissipation p tot 500 mw thermal characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit thermal resistance junction to ambient air on pc board 50 mm x 50 mm x 1.6 mm r thja 500 k/w junction temperature t j 175 c storage temperature range t stg - 65 to + 175 c
bav200, bav201, bav202, bav203 www.vishay.com vishay semiconductors rev. 1.7, 31-jul-12 2 document number: 85544 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - reverse current vs. junction temperature fig. 2 - forward current vs. forward voltage fig. 3 - differential forward resistance vs. forward current electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit forward voltage i f = 100 ma v f 1v reverse current v r = 50 v bav200 i r 100 na v r = 100 v bav201 i r 100 na v r = 150 v bav202 i r 100 na v r = 200 v bav203 i r 100 na t j = 100 c, v r = 50 v bav200 i r 15 a t j = 100 c, v r = 100 v bav201 i r 15 a t j = 100 c, v r = 150 v bav202 i r 15 a t j = 100 c, v r = 200 v bav203 i r 15 a breakdown voltage i r = 100 a, t p /t = 0.01, t p = 0.3 ms bav200 v (br) 60 v bav201 v (br) 120 v bav202 v (br) 200 v bav203 v (br) 250 v diode capacitance v r = 0, f = 1 mhz c d 1.5 pf differential forward resistance i f = 10 ma r f 5 ? reverse recovery time i f = i r = 30 ma, i r = 3 ma, r l = 100 ? t rr 50 ns 0 40 80 120 160 0.01 0.1 1 10 1000 i-re v erse c u rrent (a) r t j -j u nction temperat u re (c) 200 94 9084 100 scattering limit v r = v rrm 0 0.4 0.8 1.2 1.6 0.1 1 10 100 1000 i-for w ard c u rrent (ma) f v f -for w ard v oltage ( v ) 2.0 94 9085 scattering limit t j = 25 c 0.1 1 10 1 10 100 1000 r - differential for w ard resistance ( ) f i f - for w ard c u rrent (ma) 100 94 9089 t j = 25 c
bav200, bav201, bav202, bav203 www.vishay.com vishay semiconductors rev. 1.7, 31-jul-12 3 document number: 85544 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): quadromelf sod-80 96 12071 cathode identification 1.25 (0.049) min. 3.7 (0.146) 3.3 (0.130) 0.47 (0.019) max. 2.5 (0.098) max. 1.6 (0.063) 1.4 (0.055) 5 (0.197) ref. foot print recommendation: 2 (0.079) min. > r3 (r0.118) glass 1.7 (0.067) glass the gap bet w een pl u g and glass can be either on cathode or anode side
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BAV201-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X